Electronic Components Datasheet Search
  English  ▼

X  

RG10 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RG10
Description  ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?1.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RG10 Datasheet(HTML) 1 Page - Gulf Semiconductor

  RG10 Datasheet HTML 1Page - Gulf Semiconductor RG10 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
RG10
ULTRAFAST EFFICIENT
PLASTIC SILICON RECTIFIER
VOLTAGE:
:
:
:400V
CURRENT:
:
:
: 1.5A
FEATURE
DO-15/DO-204AC
Low power loss
High surge capability
Glass passivated chip junction
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250℃/10sec/0.375″lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
SYMBOL
RG10
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
V
Maximum RMS Voltage
Vrms
280
V
Maximum DC blocking Voltage
Vdc
400
V
Maximum Average Forward Rectified Current 3/8″lead
length at Ta =50℃
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load
Ifsm
50.0
A
Maximum Forward Voltage at Forward current
Vf
1.1
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
200.0
µ
A
Maximum Reverse Recovery Time
(Note 1)
Trr
50
nS
Typical Junction Capacitance
(Note 2)
Cj
15
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
45
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8″lead length, P.C. Board Mounted


Similar Part No. - RG10

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG10 SANKEN-RG10 Datasheet
25Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
List of Unclassifed Man...
RG10 ETC-RG10 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Sanken electric
RG10 SANKEN-RG10 Datasheet
184Kb / 4P
Silicon Diode
More results

Similar Description - RG10

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
D2L20U GULFSEMI-D2L20U Datasheet
258Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?1.3A
S2L60 GULFSEMI-S2L60 Datasheet
302Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?1.2A
S3L20U GULFSEMI-S3L20U Datasheet
485Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?2.1A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com