Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDT2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 9Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 10Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 11Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 12Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 13Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
VOH
VOL
0.45 VCC
VO
VIA
VIB
VID
1.4 V
1 V
0.4 V
0 V
−0.4 V
tPHL
tPLH
tr
tf
20%
80%
VIB
VID
VIA
VO
CL
10 pF
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373K – JULY 1999 – REVISED NOVEMBER 2008.................................................................................................................................................... www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10 ± 0.2 ns. CL includes instrumentation and fixture capacitance within 0,06 m of the
D.U.T.
Figure 6. Receiver Timing Test Circuit and Waveforms
10
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com