Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDT2DBVRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDT2DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
RECEIVER EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
7 V
VCC
7 V
R Output
VCC
5
Ω
A Input
300 k
Ω
300 k
Ω
7 V
B Input
110-
Ω LVDT Only
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
SN65LVDS1
SN65LVDS2
SN65LVDT2
www.ti.com.................................................................................................................................................... SLLS373K – JULY 1999 – REVISED NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
RATINGS
Supply voltage range, VCC
(2)
–0.5 V to 4 V
(A or B)
–0.5 V to 4 V
Input voltage range, VI
(D)
–0.5 V to VCC + 2 V
Output voltage, VO
(Y or Z)
–0.5 V to 4 V
Differential input voltage
SN65LVDT2 only
1 V
magnitude, |VID|
Receiver output current, IO
-12 mA to 12 mA
Human-body model electrostatic discharge, HBM ESD(3)
All pins
4000 V
Bus pins (A, B, Y, Z)
9000 V
Machine-model electrostatic discharge, MM ESD(4)
400 V
Field-induced-charge device model electrostatic discharge, FCDM ESD(5)
1500 V
Continuous total power dissipation, PD
See Dissipation Rating Table
Storage Temperature Range (non operating)
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages are with respect to network ground terminal.
(3)
Test method based upon JEDEC Standard 22, Test Method A114-A. Bus pins stressed with respect to GND and VCC separately.
(4)
Test method based upon JEDEC Standard 22, Test Method A114-A.
(5)
Test method based upon EIA-JEDEC JESD22-C101C.
TA ≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
(1)
POWER RATING
D
725 mW
5.8 mW/°C
402 mW
DBV
385 mW
3.1 mW/°C
200 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-K) and with
no air flow.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com