Electronic Components Datasheet Search
  English  ▼

X  

RGPP2D Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RGPP2D
Description  GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RGPP2D Datasheet(HTML) 1 Page - Gulf Semiconductor

  RGPP2D Datasheet HTML 1Page - Gulf Semiconductor RGPP2D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.1
www.gulfsemi.com
RGPP2A THRU RGPP2M
GLASS PASSIVATED
FAST RECOVERY RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 2.0A
FEATURE
DO-15\DO-204AC
Molded case feature for auto insertion
High current capability
Low leakage current
Fast switching capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
Glass Passivated chip
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
RGPP
2A
RGPP
2B
RGPP
2D
RGPP
2G
RGPP
2J
RGPP
2K
RGPP
2M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
60.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.3
V
Maximum full load reverse current full cycle
average at 55
°C Ambient
Ir(av)
100.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
200
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
25.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
45.0
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-50 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - RGPP2D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
RGPP2D TAYCHIPST-RGPP2D Datasheet
4Mb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results

Similar Description - RGPP2D

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
BA157G GULFSEMI-BA157G Datasheet
78Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
FR101G-E GULFSEMI-FR101G-E Datasheet
103Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
FR101G GULFSEMI-FR101G Datasheet
100Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
FR301G GULFSEMI-FR301G Datasheet
68Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
KBP2005G GULFSEMI-KBP2005G Datasheet
115Kb / 3P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
RGPP1A GULFSEMI-RGPP1A Datasheet
424Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP3A GULFSEMI-RGPP3A Datasheet
400Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
RGPP15A GULFSEMI-RGPP15A Datasheet
81Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
UG2KB05 GULFSEMI-UG2KB05 Datasheet
160Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com