Electronic Components Datasheet Search
  English  ▼

X  

MAX232ECDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX232ECDR
Description  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX232ECDR Datasheet(HTML) 2 Page - Texas Instruments

  MAX232ECDR Datasheet HTML 1Page - Texas Instruments MAX232ECDR Datasheet HTML 2Page - Texas Instruments MAX232ECDR Datasheet HTML 3Page - Texas Instruments MAX232ECDR Datasheet HTML 4Page - Texas Instruments MAX232ECDR Datasheet HTML 5Page - Texas Instruments MAX232ECDR Datasheet HTML 6Page - Texas Instruments MAX232ECDR Datasheet HTML 7Page - Texas Instruments MAX232ECDR Datasheet HTML 8Page - Texas Instruments MAX232ECDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DIN1
DOUT1
RIN1
ROUT1
DIN2
DOUT2
RIN2
ROUT2
11
10
12
9
14
7
13
8
MAX232E
SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009
www.ti.com
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 25
MAX232ECN
MAX232ECN
Tube of 40
MAX232ECD
SOIC – D
MAX232EC
Reel of 2500
MAX232ECDR
0°C to 70°C
Tube of 40
MAX232ECDW
SOIC – DW
MAX232EC
Reel of 2000
MAX232ECDWR
Tube of 25
MAX232ECPW
TSSOP – PW
MA232EC
Reel of 2000
MAX232ECPWR
PDIP – N
Tube of 25
MAX232EIN
MAX232EIN
Tube of 40
MAX232EID
SOIC – D
MAX232EI
Reel of 2500
MAX232EIDR
–40°C to 85°C
Tube of 40
MAX232EIDW
SOIC – DW
MAX232EI
Reel of 2000
MAX232EIDWR
Tube of 25
MAX232EIPW
TSSOP – PW
MB232EI
Reel of 2000
MAX232EIPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Table 2. FUNCTION TABLES
ABC
Each Driver(1)
INPUT
OUTPUT
DIN
DOUT
L
H
H
L
(1)
H = high level, L = low level
Table 3. Each Receiver(1)
INPUT
OUTPUT
RIN
ROUT
L
H
H
L
(1)
H = high level, L = low level
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com