Electronic Components Datasheet Search
  English  ▼

X  

MAX232IDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # MAX232IDRG4
Description  DUAL EIA-232 DRIVERS/RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX232IDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MAX232IDRG4 Datasheet HTML 3Page - Texas Instruments MAX232IDRG4 Datasheet HTML 4Page - Texas Instruments MAX232IDRG4 Datasheet HTML 5Page - Texas Instruments MAX232IDRG4 Datasheet HTML 6Page - Texas Instruments MAX232IDRG4 Datasheet HTML 7Page - Texas Instruments MAX232IDRG4 Datasheet HTML 8Page - Texas Instruments MAX232IDRG4 Datasheet HTML 9Page - Texas Instruments MAX232IDRG4 Datasheet HTML 10Page - Texas Instruments MAX232IDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MAX232, MAX232I
DUAL EIA232 DRIVERS/RECEIVERS
SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
1
µF
1
µF
VS+
VS−
2
6
14
7
13
8
C1+
C1−
C2+
C2−
1
3
4
5
11
10
12
9
GND
15
0 V
VCC
16
5 V
EIA-232 Output
EIA-232 Output
EIA-232 Input
EIA-232 Input
1
µF
8.5 V
−8.5 V
1
µF
From CMOS or TTL
To CMOS or TTL
CBYPASS =1µF
C1
C2
C3†
C4
† C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown. In addition to the 1-
µF capacitors shown, the MAX202 can operate with 0.1-µF capacitors.
+
+
−
Figure 4. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com