Electronic Components Datasheet Search
  English  ▼

X  

MR30509.MP7 Datasheet(PDF) 6 Page - QT Optoelectronics

Part # MR30509.MP7
Description  PCB MOUNT LED INDICATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MR30509.MP7 Datasheet(HTML) 6 Page - QT Optoelectronics

  MR30509.MP7 Datasheet HTML 1Page - QT Optoelectronics MR30509.MP7 Datasheet HTML 2Page - QT Optoelectronics MR30509.MP7 Datasheet HTML 3Page - QT Optoelectronics MR30509.MP7 Datasheet HTML 4Page - QT Optoelectronics MR30509.MP7 Datasheet HTML 5Page - QT Optoelectronics MR30509.MP7 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 s France 33 01/43.99.25.12 s Germany 49 089/96.30.51 s United Kingdom 44 01296/39.44.99 s Asia/Pacific 603/735-2417
© 1996 QT Optoelectronics QT-007-A
DS 101
.183
(4.65)
.035
(.89)
.244
(6.20)
.500
(12.7)
.185 TYP
(4.70)
.100
(2.54)
.020
(.51)
.270 (6.86)
.230 (5.84)
CATHODE**
.440
(11.18)
.145 MIN
(3.68)
.090
± .020
(2.29)
.230 (5.84)
.190 (4.83)
PCB MOUNT LED INDICATORS
Page 6 of 6
PACKAGE DIMENSIONS
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
MV60539.MP90
RED/RED
1.7
3.2
20
9
MV63539.MP93
YLW/YLW
2.1
20.0
20
9
MV64539.MP94
GRN/GRN
2.2
28.0
20
9
MV67539.MP97
H-E RED/H-E RED
2.1
15.0
20
9
LOW CURRENT (2mA)
HLMP-47009.MP97
H-E RED/H-E RED
1.8
2.0
2
9
HLMP-47199.MP93
YLW/YLW
1.9
2.0
2
9
HLMP-47409.MP94
GRN/GRN
1.9
3.0
2
9
ULTRA BRIGHT
MV33509.MP93
YLW/YLW*
2.2
150.0
20
9
MV34509.MP94
GRN/GRN*
2.2
150.0
20
9
MV37509.MP97
H-E RED/H-E RED*
2.2
150.0
20
9
INTEGRAL RESISTOR
MR30509.MP90
RED/RED
5.0
2.0
13
9
MR33509.MP93
YLW/YLW
5.0
4.0
10
9
MR34509.MP94
GRN/GRN
5.0
4.0
12
9
MR37509.MP97
H-E RED/H-E RED
5.0
4.0
10
9
BICOLOR**
MV54919.MP91
R/G/R/G
2.3
6.0
20
9
T-1 3/4 (5 mm) bilevel
FIG. - 9
Parts are stackable
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP8B
RED
1.7
2.0
20 .140
(3.56)
8B
MV63538.MP8B
YLW
2.1
18.0
20 .140
(3.56)
8B
MV64538.MP8B
GRN
2.2
26.0
20 .140
(3.56)
8B
MV67538.MP8B
H-E RED
2.1
14.0
20 .140
(3.56)
8B
MV60539.MP8B
RED
1.7
3.2
20 .195
(4.95)
8B
MV63539.MP8B
YLW
2.1
20.0
20 .195
(4.95)
8B
MV64539.MP8B
GRN
2.2
28.0
20 .195
(4.95)
8B
MV67539.MP8B
H-E RED
2.1
15.0
20 .195
(4.95)
8B
LOW CURRENT (2mA)
HLMP-47009.MP8B
H-E RED
1.8
2.0
2
.195
(4.95)
8B
HLMP-47199.MP8B
YLW
1.9
2.0
2
.195
(4.95)
8B
HLMP-47409.MP8B
GRN
1.9
3.0
2
.195
(4.95)
8B
ULTRA BRIGHT
MV33509.MP8B
YLW*
2.2
150.0
20 .195
(4.95)
8B
MV34509.MP8B
GRN*
2.2
150.0
20 .195
(4.95)
8B
MV37509.MP8B
H-E. RED*
2.2
150.0
20 .195
(4.95)
8B
INTEGRAL RESISTOR
MR30509.MP8B
RED
5.0
2.0
13 .195
(4.95)
8B
MR30519.MP8B
RED
12.0
2.0
13 .195
(4.95)
8B
MR33509.MP8B
YLW
5.0
4.0
10 .195
(4.95)
8B
MR33519.MP8B
YLW
12.0
4.0
13 .195
(4.95)
8B
MR34509.MP8B
GRN
5.0
4.0
12 .195
(4.95)
8B
MR34519.MP8B
GRN
12.0
4.0
13 .195
(4.95)
8B
MR37509.MP8B
H-E RED
5.0
4.0
10 .195
(4.95)
8B
MR37519.MP8B
H-E RED
12.0
4.0
13 .195
(4.95)
8B
BICOLOR**
MV54919.MP8B
RED/GRN
2.3
6.0
20 .195
(4.95)
8B
T-1 3/4 (5mm) multiple
.355 (9.02)
.190
(4.83)
1.01 (25.65)
.250 TYP
(6.35)
.020 TYP
(.51)
.250 TYP
(6.35)
.100 TYP
(2.54)
.145 MIN
(3.68)
.250
(6.35)
CATHODE**
DIM A
.195
(4.95)
.50 REF
(1.27)
FIG. - 8B
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. A double asterik (**) denotes that the cathode, as indicated,
is the red cathode for the RED/GRN bicolor LED.
6. Custom color combinations are available.
SPECIFIC NOTES:
For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration.
Options — To obtain units in multiples of two add a “-2” suffix to the
part number (i.e. MV64539.MP8-2). To obtain units in multiples of
three add a “-3” suffix.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com