Electronic Components Datasheet Search
  English  ▼

X  

RF-1209S Datasheet(PDF) 2 Page - Recom International Power

Part # RF-1209S
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RF-1209S Datasheet(HTML) 2 Page - Recom International Power

  RF-1209S Datasheet HTML 1Page - Recom International Power RF-1209S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 48
www.recom-international.com
August 2002
ECONOLINE - DC/DC-Converter
RF Series, 1.25 Watt, DIP8 (Single & Dual Output)
Package Style and Pinning (mm)
3rd angle
projection
3.25
ø 0.51 typ.
7.62
5.08
2.54
Bottom View
4
7.62
1
8
5
ø 0.51 typ.
7.62
6
1.00ø+0.15/–0
2.54
2.54
RF-0505D
RECOM
****
10.10
12.60
3.05
dia 0.51 typ.
7.62
5.08
RF-0505S
RECOM
****
10.10
12.60
8
-V
5
1
4
6
8
Bottom View
8 PIN DIP Package
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
4
+Vin
+Vin
5+Vout
+Vout
6NC
Com
8–Vout
–Vout
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com