Electronic Components Datasheet Search
  English  ▼

X  

EP2C8 Datasheet(PDF) 33 Page - Altera Corporation

Part # EP2C8
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8 Datasheet(HTML) 33 Page - Altera Corporation

Back Button EP2C8 Datasheet HTML 26Page - Altera Corporation EP2C8 Datasheet HTML 27Page - Altera Corporation EP2C8 Datasheet HTML 28Page - Altera Corporation EP2C8 Datasheet HTML 29Page - Altera Corporation EP2C8 Datasheet HTML 30Page - Altera Corporation EP2C8 Datasheet HTML 31Page - Altera Corporation EP2C8 Datasheet HTML 32Page - Altera Corporation EP2C8 Datasheet HTML 33Page - Altera Corporation EP2C8 Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–33
Device Pin-Outs
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
f For package outline drawings, refer to the Altera Device Package Information Data Sheet.
Device Pin-Outs
f For pin-out information, refer to Altera Configuration Devices Pin-Out Files.
Figure 1–9. Enhanced Configuration Device PCB Footprint Specifications for 100-Pin PQFP Packages (Note 1), (2)
Notes to Figure 1–9:
(1) Used 0.5-mm increase for front and back of nominal foot length.
(2) Used 0.3-mm increase to maximum foot width.
2.4 mm
0.65-mm Pad Pitch
0.410 mm
0.325 mm
25.3 mm
19.3 mm
1.0
2.0
0.5
1.5
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com