Electronic Components Datasheet Search
  English  ▼

X  

2N7002W Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 2N7002W
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N7002W Datasheet(HTML) 3 Page - Micro Commercial Components

  2N7002W Datasheet HTML 1Page - Micro Commercial Components 2N7002W Datasheet HTML 2Page - Micro Commercial Components 2N7002W Datasheet HTML 3Page - Micro Commercial Components 2N7002W Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
V
= 10V
9.0V
8.0V
7.0V
6.5V
6.0V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0/1.0V
GS
5.5V
5.0V
0
1
2
3
4
5
0
0.2
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs Drain Current
D
V
= 5.0V
GS
T = 25 C
j
°
V
= 10V
GS
6
7
0.4
0.6
0.8
1.0
0
0.5
1.0
1.5
2.0
-55
-30
-5
20
45
70
95
120
145
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs Junction Temperature
j
°
V
= 10V, I
GS
D = 0.5A
V
= 5.0V, I
GS
D = 0.05A
0
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs. Gate-Source Voltage
GS
I = 50mA
D
I = 500mA
D
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618
2N7002W
MCC
Revision: 4
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com