Electronic Components Datasheet Search
  English  ▼

X  

ADS5400IPZPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5400IPZPR Datasheet HTML 35Page - Texas Instruments ADS5400IPZPR Datasheet HTML 36Page - Texas Instruments ADS5400IPZPR Datasheet HTML 37Page - Texas Instruments ADS5400IPZPR Datasheet HTML 38Page - Texas Instruments ADS5400IPZPR Datasheet HTML 39Page - Texas Instruments ADS5400IPZPR Datasheet HTML 40Page - Texas Instruments ADS5400IPZPR Datasheet HTML 41Page - Texas Instruments ADS5400IPZPR Datasheet HTML 42Page - Texas Instruments ADS5400IPZPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Frequency − MHz
0
10
20
30
40
50
60
70
80
90
100
G022
0.01
0.1
1
100
10
DVDD3
AVDD3
AVDD5
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
Power Supplies
The ADS5400 uses three power supplies. For the analog portion of the design, a 5-V and 3.3-V supply (AVDD5
and AVDD3) are used, while the digital portion uses a 3.3-V supply (DVDD3). The use of low-noise power
supplies with adequate decoupling is recommended. Linear supplies are preferred to switched supplies; switched
supplies generate more noise components that can be coupled to the ADS5400. The PSRR value and the plot
shown in Figure 38 were obtained without bulk supply decoupling capacitors. When bulk (0.1 mF) decoupling
capacitors are used, the board-level PSRR is much higher than the stated value for the ADC. The power
consumption of the ADS5400 does not change substantially over clock rate or input frequency as a result of the
architecture and process.
Figure 38. PSRR versus Supply Injected Frequency
Copyright © 2009–2010, Texas Instruments Incorporated
39
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com