Electronic Components Datasheet Search
  English  ▼

X  

1N5259 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N5259
Description  500 mW Zener Diode 2.4 to 75 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5259 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N5259 Datasheet HTML 1Page - Micro Commercial Components 1N5259 Datasheet HTML 2Page - Micro Commercial Components 1N5259 Datasheet HTML 3Page - Micro Commercial Components 1N5259 Datasheet HTML 4Page - Micro Commercial Components 1N5259 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART
NUMBER
NOMINAL ZENER
VOLTAGE VZ @ IZT
TEST
CURRENT IZT
MAXIMUM ZENER IMPEDANCE
‘B’ SUFFIX ONLY
ZZT @ IZT
ZZK @IZK = 0.25mA
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAX. ZENER VOLTAGE
TEMP COEFFICIENT ‘B’
SUFFIX ONLY
VOLTS
mA
OHMS
OHMS
µA
VOLTS
% / °C
1N5221
2.4
20
30
1200
100
1.0
-0.085
1N5222
2.5
20
30
1250
100
1.0
-0.085
1N5223
2.7
20
30
1300
75
1.0
-0.080
1N5224
2.8
20
30
1400
75
1.0
-0.080
1N5225
3.0
20
29
1600
50
1.0
-0.075
1N5226
3.3
20
28
1600
25
1.0
-0.070
1N5227
3.6
20
24
1700
15
1.0
-0.065
1N5228
3.9
20
23
1900
10
1.0
-0.060
1N5229
4.3
20
22
2000
5.0
1.0
±0.055
1N5230
4.7
20
19
1900
5.0
2.0
±0.030
1N5231
5.1
20
17
1600
5.0
2.0
±0.030
1N5232
5.6
20
11
1600
5.0
3.0
+0.038
1N5233
6.0
20
7.0
1600
5.0
3.5
+0.038
1N5234
6.2
20
7.0
1000
5.0
4.0
+0.045
1N5235
6.8
20
5.0
750
3.0
5.0
+0.050
1N5236
7.5
20
6.0
500
3.0
6.0
+0.058
1N5237
8.2
20
8.0
500
3.0
6.5
+0.062
1N5238
8.7
20
8.0
600
3.0
6.5
+0.065
1N5239
9.1
20
10
600
3.0
7.0
+0.068
1N5240
10
20
17
600
3.0
8.0
+0.075
1N5241
11
20
22
600
2.0
8.4
+0.076
1N5242
12
20
30
600
1.0
9.1
+0.077
1N5243
13
9.5
13
600
0.5
9.9
+0.079
1N5244
14
9.0
15
600
0.1
10
+0.082
1N5245
15
8.5
16
600
0.1
11
+0.082
1N5246
16
7.8
17
600
0.1
12
+0.083
1N5247
17
7.4
19
600
0.1
13
+0.084
1N5248
18
7.0
21
600
0.1
14
+0.085
1N5249
19
6.6
23
600
0.1
14
+0.086
1N5250
20
6.2
25
600
0.1
15
+0.086
1N5251
22
5.6
29
600
0.1
17
+0.087
1N5252
24
5.2
33
600
0.1
18
+0.088
1N5253
25
5.0
35
600
0.1
19
+0.089
1N5254
27
4.6
41
600
0.1
21
+0.090
1N5255
28
4.5
44
600
0.1
21
+0.091
1N5256
30
4.2
49
600
0.1
23
+0.091
1N5257
33
3.8
58
700
0.1
25
+0.092
1N5258
36
3.4
70
700
0.1
27
+0.093
1N5259
39
3.2
80
800
0.1
30
+0.094
1N5260
43
3.0
93
900
0.1
33
+0.095
1N5261
47
2.7
105
1000
0.1
36
+0.095
1N5262
51
2.5
125
1100
0.1
39
+0.096
1N5263
56
2.2
150
1300
0.1
43
+0.096
1N5264
60
2.1
170
1400
0.1
46
+0.097
1N5265
62
2.0
185
1400
0.1
47
+0.097
1N5266
68
1.8
230
1600
0.1
52
+0.097
1N5267
75
1.7
270
1700
0.1
56
+0.098
NOTE 1: Table as shown lists type numbers, which indicate a tolerance of ±20% with guaranteed limits on only Vz, IR, and VF. Devices with
guaranteed limits on all six parameters are indicated by suffix “A” for ±10%, “B” for ±5%, “C” for ±2% tolerance
NOTE 2: The electrical characteristics are measured after allowing the device to stabilize for 20 seconds.
NOTE 3: Temperature coefficient (áVZ). Test conditions for temperature coefficient are as follows:
a.
IZT = 7.5mA, TI = 25
oC T2 = 125oC (1N5221 thru 1N5242)
b.
IZT = Rated IZT, TI = 25
oC, T2 = 125oC (1N5243 thru 1N5267)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
1N5221 thru 1N5267
Revision: 7
2009/01/19
TM
Micro Commercial Components
www.mccsemi.com
2 of 5
MCC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com