Electronic Components Datasheet Search
  English  ▼

X  

ISO7421DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421DR
Description  Low-Power Dual Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421DR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7421DR Datasheet HTML 1Page - Texas Instruments ISO7421DR Datasheet HTML 2Page - Texas Instruments ISO7421DR Datasheet HTML 3Page - Texas Instruments ISO7421DR Datasheet HTML 4Page - Texas Instruments ISO7421DR Datasheet HTML 5Page - Texas Instruments ISO7421DR Datasheet HTML 6Page - Texas Instruments ISO7421DR Datasheet HTML 7Page - Texas Instruments ISO7421DR Datasheet HTML 8Page - Texas Instruments ISO7421DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984D – JUNE 2009 – REVISED JULY 2010
ELECTRICAL CHARACTERISTICS
VCC1 at 5V ± 5%, VCC2 at 3.3V ± 5%; TA = –40°C to 125°C for ISO742xM , TA = –40°C to 105°C for ISO742x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA;
ISO7421 (5-V side)
VCC – 0.8
4.6
see Figure 1.
ISO7420 / 7421 (3.3-V side)
VCC – 0.4
3
VOH
High-level output voltage
V
.
IOH = –20 mA; see Figure 1,
VCC – 0.1
VCC
IOL = 4 mA; see Figure 1.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 mA; see Figure 1.
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
mA
INx at 0 V or VCC
IIL
Low-level input current
–10
mA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 3.
25
40
kV/ms
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7420
ICC1
Supply current for VCC1
0.4
1
mA
DC to 1 Mbps VI = VCC or 0 V, 15 pF load
ICC2
Supply current for VCC2
2
4.5
mA
ISO7421
ICC1
Supply current for VCC1
2
4
mA
DC to 1 Mbps VI = VCC or 0 V, 15 pF load
ICC2
Supply current for VCC2
1.5
3.5
mA
SWITCHING CHARACTERISTICS
VCC1 at 5V ± 5%, VCC2 at 3.3V ± 5%; TA = –40°C to 125°C for ISO742xM, TA = –40°C to 105°C for ISO742x
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 1.
10
17
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.5
4
ns
tsk(pp)
Part-to-part skew time
5
ns
tsk(o)
Channel-to-channel output skew time
4
ns
tr
Output signal rise time
See Figure 1.
2
ns
tf
Output signal fall time
2
ns
tfs
Fail-safe output delay time from input power loss
See Figure 2.
6
ms
(1)
Also known as pulse skew.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ISO7420 ISO7420M ISO7421 ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com