Electronic Components Datasheet Search
  English  ▼

X  

PCA9546ADGVT Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA9546ADGVT
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546ADGVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9546ADGVT Datasheet HTML 3Page - Texas Instruments PCA9546ADGVT Datasheet HTML 4Page - Texas Instruments PCA9546ADGVT Datasheet HTML 5Page - Texas Instruments PCA9546ADGVT Datasheet HTML 6Page - Texas Instruments PCA9546ADGVT Datasheet HTML 7Page - Texas Instruments PCA9546ADGVT Datasheet HTML 8Page - Texas Instruments PCA9546ADGVT Datasheet HTML 9Page - Texas Instruments PCA9546ADGVT Datasheet HTML 10Page - Texas Instruments PCA9546ADGVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
Data Output
by Transmitter
SCL From
Master
Start
Condition
S
1
2
8
9
Data Output
by Receiver
Clock Pulse for ACK
NACK
ACK
A
A
S
1
1
1
0
A2 A1
A0
0
Start Condition
SDA
R/W
ACK From Slave
ACK From Slave
P
B0
B1
B2
B3
X
X
X
X
Stop Condition
Slave Address
Control Register
A
NA
S
1
1
1
0
A2 A1
A0
1
SDA
P
B3 B2
B1 B0
Start Condition
R/W
ACK From Slave
NACK From Master
Stop Condition
Slave Address
Control Register
0
0
0
0
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
When a slave receiver is addressed, it must generate an ACK after the reception of each byte. Also, a master
must generate an ACK after the reception of each byte that has been clocked out of the slave transmitter. The
device that acknowledges must pull down the SDA line during the ACK clock pulse so that the SDA line is stable
low during the high pulse of the ACK-related clock period (see Figure 7). Setup and hold times must be taken
into account.
Figure 7. Acknowledgment on the I2C Bus
Data is transmitted to the PCA9546A control register using the write mode shown in Figure 8.
Figure 8. Write Control Register
Data is read from the PCA9546A control register using the read mode shown in Figure 9.
Figure 9. Read Control Register
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCA9546A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com