Electronic Components Datasheet Search
  English  ▼

X  

RP1P5 Datasheet(PDF) 4 Page - Recom International Power

Part # RP1P5
Description  1.5 Watt DIP24 & SMD, Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP1P5 Datasheet(HTML) 4 Page - Recom International Power

  RP1P5 Datasheet HTML 1Page - Recom International Power RP1P5 Datasheet HTML 2Page - Recom International Power RP1P5 Datasheet HTML 3Page - Recom International Power RP1P5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
165
April-2005
DIP24 Package Style
Package Style and Pinning (mm)
2.54
22.90
2
10.20
0.25 x 0.50
Rectangular Pin
15.20
Bottom View
1 2 3
20.30
31.80
10 11 12
15 14 13
24 23 22
3.8
SMD Package Style
20.30
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.14
27.94
26.54
1.60
2.40
Top View
21.30
3.81
6.35
2.54
23.40
POWERLINE
DC/DC-Converter
3rd angle
projection
RP1P5-S_DA
Series
Pin Connections
Pin #
Single
Dual
1
+ Vin
+ Vin
2
NC
– Vout
3
NC
Com
10
– Vout
Com
11
+ Vout
+ Vout
12
– Vin
– Vin
13
– Vin
– Vin
14
+ Vout
+ Vout
15
– Vout
Com
22
NC
Com
23
NC
– Vout
24
+ Vin
+ Vin
NC = No Connection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+ Vin
+ Vin
2
NC
– Vout
3
NC
Com
10
– Vout
Com
11
+ Vout
+ Vout
12
– Vin
– Vin
13
– Vin
– Vin
14
+ Vout
+ Vout
15
– Vout
Com
22
NC
Com
23
NC
– Vout
24
+ Vin
+ Vin
Others
NC
NC
NC = No Connection
Pin Pitch Tolerance ±0.35 mm
SMD Package Style
Same spec. as the original DIP spec. and pin
definition, excl. of the SMD type pin.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com