Electronic Components Datasheet Search
  English  ▼

X  

SB040 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SB040
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB040 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB040 Datasheet HTML 1Page - Gulf Semiconductor SB040 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB020 THRU SB040
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 20 TO 40V
CURRENT: 0.6A
FEATURE
R-1
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB020
SB030
SB040
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
V
Maximum RMS Voltage
Vrms
14
21
28
V
Maximum DC blocking Voltage
Vdc
20
30
40
V
Maximum Average Forward Rectified
Current 0.375" lead length TL=60°C
If(av)
0.6
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
20.0
A
Maximum Forward Voltage at 0.6A DC(Note 1)
Vf
0.55
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =100°C
Ir
0.5
10.0
mA
mA
Typical Thermal Resistance
(Note 2)
Rth(ja)
80.0
°C /W
Storage and Operating Junction Temperature
Tstg,Tj
-50 to +125
-50 to +150
°C
Note:
1. Pulse test :300uS pulse width ,1% duty cycle.
2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1 Rev.A6
www.gulfsemi.com


Similar Part No. - SB040

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB040 GE-SB040 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB040 BILIN-SB040 Datasheet
47Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
353Kb / 4P
Miniature Schottky Barrier Rectifier
25-Apr-08
SB040 VISHAY-SB040 Datasheet
78Kb / 5P
Miniature Schottky Barrier Plastic Rectifier
13-Aug-13
logo
Diode Semiconductor Kor...
SB040 DSK-SB040 Datasheet
262Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB040

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB240A GULFSEMI-SB240A Datasheet
397Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 2.0A
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
logo
Leshan Radio Company
1N5817-E LRC-1N5817-E Datasheet
182Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
LMBR0540FT1G LRC-LMBR0540FT1G Datasheet
878Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
LMBR0530ET1G LRC-LMBR0530ET1G Datasheet
422Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.5A
logo
AiT Semiconductor Inc.
MBR0520F AITSEMI-MBR0520F Datasheet
759Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 0.5A
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com