Electronic Components Datasheet Search
  English  ▼

X  

BC856A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC856A
Description  PNP Small Signal Transistor310mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC856A Datasheet(HTML) 1 Page - Micro Commercial Components

  BC856A Datasheet HTML 1Page - Micro Commercial Components BC856A Datasheet HTML 2Page - Micro Commercial Components BC856A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ideally Suited for Automatic Insertion
150
oC Junction Temperature
For Switching and AF Amplifier Applications
Mechanical Data
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.008 grams ( approx.)
Type
Marking
Type
Marking
BC856A
3A
BC857C
3G
BC856B
3B
BC858A
3J
BC857A
3E
BC858B
3K
BC857B
3F
BC858C
3L
Marking Code (Note 2)
Maximum Ratings @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858
VCBO
-80
-50
-30
V
Collector-Emitter Voltage
BC856
BC857
BC858
VCEO
-65
-45
-30
V
Emitter-Base Voltage
V EBO
-5.0
V
Collector Current
IC
-100
m A
Peak Collector Current
ICM
-200
m A
Peak Emitter Current
IEM
-200
m A
Power Dissipation@Ts=50
oC(Note1)
P d
310
mW
Operating & Storage Temperature
Tj, TSTG -55~150
oC
Note: 1. Package mounted on ceramic substrate 0.7mm X 2.5cm2 area.
2.
Current gain subgroup “ C” is not available for BC856
BC856A
THRU
BC858C
PNP Small
Signal Transistor
310mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
Revision: 5
2008/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
Features
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
www.mccsemi.com
1 of 3
K


Similar Part No. - BC856A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC856A TRSYS-BC856A Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC856A SIEMENS-BC856A Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC856A FAIRCHILD-BC856A Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC856A DIODES-BC856A Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Similar Description - BC856A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
Small Signal Transistor (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
PNP small signal transistor
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
PNP Small Signal Transistor
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
PNP Small Signal Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com