Electronic Components Datasheet Search
  English  ▼

X  

SN74HC244ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC244ADBLE
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC244ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC244ADBLE Datasheet HTML 1Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 2Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 3Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 4Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 5Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 6Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 7Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 8Page - Texas Instruments SN74HC244ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN54HC244, SN74HC244
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SCLS130D – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Outputs Drive Up To
15 LSTTL Loads
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 11 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54HC244 ...J OR W PACKAGE
SN74HC244 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54HC244 . . . FK PACKAGE
(TOP VIEW)
description/ordering information
These octal buffers and line drivers are designed specifically to improve both the performance and density of
3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The ’HC244
devices are organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When OE is low,
the device passes noninverted data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 20
SN74HC244N
SN74HC244N
–40 C to 85 C
SOIC – DW
Tube of 25
SN74HC244DW
HC244
–40 C to 85 C
SOIC – DW
Reel of 2000
SN74HC244DWR
HC244
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC244NSR
HC244
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74HC244DBR
HC244
TSSOP – PW
Tube of 70
SN74HC244PW
HC244
TSSOP – PW
Reel of 2000
SN74HC244PWR
HC244
Reel of 250
SN74HC244PWT
–55 C to 125 C
CDIP – J
Tube of 20
SNJ54HC244J
SNJ54HC244J
–55
°C to 125°C
CFP – W
Tube of 85
SNJ54HC244W
SNJ54HC244W
LCCC – FK
Tube of 55
SNJ54HC244FK
SNJ54HC244FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC244ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC244ADBLE TI-SN74HC244ADBLE Datasheet
534Kb / 16P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244ADBLE TI1-SN74HC244ADBLE Datasheet
1Mb / 32P
Octal Buffers and Line Drivers With 3-State Outputs
More results

Similar Description - SN74HC244ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LS240 TI-SN74LS240 Datasheet
936Kb / 28P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_08 Datasheet
635Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com