Electronic Components Datasheet Search
  English  ▼

X  

SB35 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SB35
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB35 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB35 Datasheet HTML 1Page - Gulf Semiconductor SB35 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB32 THRU SB36
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
VOLTAGE:20 TO 60V
CURRENT: 3.0A
FEATURE
SMC/DO--214AB
Plastic package has Underwriters Laboratory Flammability Classification
94V-0
For surface mounted applications
Low profile package
Built-in strain relief
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage high frequency inverters, free wheeling, and polarity
protection applications
Guarding for over voltage protection
High temperature soldering guaranteed:
250
ºC /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce, 0.25gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
ºC, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SB
32
SB
33
SB
34
SB
35
SB
36
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
50
60
V
Maximum RMS Voltage
Vrms
14
21
28
35
42
V
Maximum DC blocking Voltage
Vdc
20
30
40
50
60
V
Maximum Average Forward Rectified
Current 3/8’lead length at TL =105ºC
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
100.0
A
Maximum Forward Voltage at
rated Forward current
(Note 1)
Vf
0.5
0.75
V
Maximum DC Reverse Current
Ta =25
ºC
at rated DC blocking voltage
Ta =100
ºC
Ir
0.5
mA
20.0
10.0
Typical Thermal Resistance
(Note 2)
R(ja)
55.0
ºC /W
Storage and Operating Temperature Range
Tstg
-50 to +150
ºC
NOTE:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2inches (5.0 x 5.0mm) copper pad areas1
1 Rev.A4
www.gulfsemi.com


Similar Part No. - SB35

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SB35 GXELECTRONICS-SB35 Datasheet
487Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Seme LAB
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB35-45M SEME-LAB-SB35-45M Datasheet
16Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB350 TRSYS-SB350 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB35

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB360Q GULFSEMI-SB360Q Datasheet
100Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com