Electronic Components Datasheet Search
  English  ▼

X  

SN54HC165 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC165
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC165 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC165 Datasheet HTML 3Page - Texas Instruments SN54HC165 Datasheet HTML 4Page - Texas Instruments SN54HC165 Datasheet HTML 5Page - Texas Instruments SN54HC165 Datasheet HTML 6Page - Texas Instruments SN54HC165 Datasheet HTML 7Page - Texas Instruments SN54HC165 Datasheet HTML 8Page - Texas Instruments SN54HC165 Datasheet HTML 9Page - Texas Instruments SN54HC165 Datasheet HTML 10Page - Texas Instruments SN54HC165 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN54HC165, SN74HC165
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS116E − DECEMBER 1982 − REVISED SEPTEMBER 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC165
SN74HC165
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
13
4.2
5
fmax
4.5 V
31
50
21
25
MHz
fmax
6 V
36
62
25
29
MHz
2 V
80
150
225
190
SH/LD
QH or QH
4.5 V
20
30
45
38
SH/LD
QH or QH
6 V
16
26
38
32
2 V
75
150
225
190
tpd
CLK
QH or QH
4.5 V
15
30
45
38
ns
tpd
CLK
QH or QH
6 V
13
26
38
32
ns
2 V
75
150
225
190
H
QH or QH
4.5 V
15
30
45
38
H
QH or QH
6 V
13
26
38
32
2 V
38
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
75
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com