Electronic Components Datasheet Search
  English  ▼

X  

SB520 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SB520
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB520 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB520 Datasheet HTML 1Page - Gulf Semiconductor SB520 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SB520 THRU SB560
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 20 TO 60V
CURRENT: 5.0A
FEATURE
DO-201AD
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB
520
SB
530
SB
540
SB
550
SB
560
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
50
60
V
Maximum RMS Voltage
Vrms
14
21
28
35
42
V
Maximum DC blocking Voltage
Vdc
20
30
40
50
60
V
Maximum Average Forward Rectified
Current 3/8" lead length
If(av)
5.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
200.0
A
Maximum Forward Voltage at 5.0A DC
Vf
0.55
0.67
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =100°C
Ir
0.5
mA
mA
50
25
Typical Junction Capacitance
(Note 1)
Cj
220.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
25.0
°C /W
Storage and Operating Junction Temperature
Tj
-65 to +125
-65 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.5" lead length, vertical P.C. Board Mounted 1
1 Rev.A5
www.gulfsemi.com


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB520 ZOWIE-SB520 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Gulf Semiconductor
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB1620CT GULFSEMI-SB1620CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 16.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com