Electronic Components Datasheet Search
  English  ▼

X  

SB1040CT Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SB1040CT
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB1040CT Datasheet(HTML) 1 Page - Gulf Semiconductor

  SB1040CT Datasheet HTML 1Page - Gulf Semiconductor SB1040CT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB1040CT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 40V
CURRENT: 10.0A
FEATURE
TO-220AB
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Leads solderable per MIL-STD-750, method 2026
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB1040CT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
40
V
Maximum RMS Voltage
Vrms
28
V
Maximum DC blocking Voltage
Vdc
40
V
Maximum
Average
Forward
Rectified
Current
at
Tc=135°C
If(av)
10
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load per leg
Ifsm
150
A
Maximum Forward Voltage per leg and 25
°C at 5A
Vf
0.53
V
Maximum Reverse Current per leg
Tj =25℃
at working peak reverse voltage
Tj =125℃
Ir
0.1
15.0
mA
Typical Thermal Resistance per leg
(Note 1)
Rth(jc)
3.0
℃/W
Operating Junction and Storage Temperature Ramge
Tj, Tstg
-65 to +150
℃
Note:
1.Thermal Resistance from Junction to Case


Similar Part No. - SB1040CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1040CT PANJIT-SB1040CT Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Won-Top Electronics
SB1040CT WTE-SB1040CT Datasheet
40Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1040CT WTE-SB1040CT Datasheet
50Kb / 4P
10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1040CT PANJIT-SB1040CT Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1040CT PACELEADER-SB1040CT Datasheet
288Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1040CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB240A GULFSEMI-SB240A Datasheet
397Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 2.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB10200FCT GULFSEMI-SB10200FCT Datasheet
118Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com