Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G34 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34
Description  SINGLE BUFFER GATE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G34 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G34 Datasheet HTML 1Page - Texas Instruments SN74LVC1G34 Datasheet HTML 2Page - Texas Instruments SN74LVC1G34 Datasheet HTML 3Page - Texas Instruments SN74LVC1G34 Datasheet HTML 4Page - Texas Instruments SN74LVC1G34 Datasheet HTML 5Page - Texas Instruments SN74LVC1G34 Datasheet HTML 6Page - Texas Instruments SN74LVC1G34 Datasheet HTML 7Page - Texas Instruments SN74LVC1G34 Datasheet HTML 8Page - Texas Instruments SN74LVC1G34 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
A
2
4
Y
A
1
3
Y
SN74LVC1G34
SCES519H – DECEMBER 2003 – REVISED JULY 2008................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TOP-SIDE
TA
PACKAGE(1)
ORDERABLE PART NUMBER
MARKING(2)
NanoFree™ – WCSP (DSBGA)
SN74LVC1G34YFPR
_ _ _ C9_
0.23-mm Large Bump – YFP
Reel of 3000
NanoFree™ – WCSP (DSBGA)
SN74LVC1G34YZPR
_ _ _ C9_
0.23-mm Large Bump – YZP
NanoFree™ – WCSP (DSBGA)
_ _ _ _
Reel of 3000
SN74LVC1G34YZVR
0.23-mm Large Bump – YZV (Pb-free)
C9
–40°C to 85°C
Reel of 3000
SN74LVC1G34DBVR
SOT (SOT-23) –DBV
C34_
Reel of 250
SN74LVC1G34DBVT
Reel of 3000
SN74LVC1G34DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G34DCKT
C9_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G34DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2
has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
H
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
(DBV, DCK, DRL, and YZP Package)
LOGIC DIAGRAM (POSITIVE LOGIC)
(YFP and YZV Package)
2
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com