Electronic Components Datasheet Search
  English  ▼

X  

SF5403 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SF5403
Description  SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SF5403 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SF5403 Datasheet HTML 1Page - Gulf Semiconductor SF5403 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SF5400 THRU SF5408
SINTERED GLASS JUNCTION
ULTRAFAST AVALANCHE RECTIFIER
VOLTAGE:
:
:
:50 to 1000V
CURRENT: 3.0A
FEATURE
SOD-64
Glass passivated
Hermetically sealed package
Low reverse current
High reverse voltage
MECHANICAL DATA
Case: SOD-64 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SF5
400
SF5
401
SF5
402
SF5
403
SF5
404
SF5
405
SF5
406
SF5
407
SF5
408
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
300
400
500
600
800
1000
V
Minimum Reverse Breakdown Voltage
IR = 100
µA
V(BR)R
60
110
220
330
440
550
660
880
1100
V
Maximum Average Forward Rectified Current
3/8”lead length
IFAV
3.0
A
Peak Forward Surge Current at tp=10ms,half
sinewave
IFSM
150
A
Maximum Forward Voltage at rated Forward
Current
VF
1.1
1.7
V
Non-repetitive peak reverse avalanche energy
at IBR(R)=0.4A
ERSM
10
mJ
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
IR
5.0
50.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Thermal Resistance
(Note 2)
Rth(ja)
70
K/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. on PC board with spacing 25 mm
RATINGS AND CHARACTERISTIC CURVES SF5400 THRU SF5408


Similar Part No. - SF5403

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5403 VISHAY-SF5403 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
Vanlong Technology Co.,...
SF5403 VANLONG-SF5403 Datasheet
174Kb / 2P
345.00 MHz SAW Filter
logo
Vishay Siliconix
SF5403 VISHAY-SF5403 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
25-May-11
SF5403 VISHAY-SF5403 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
19-Sep-12
logo
SUNMATE electronic Co.,...
SF5403 SUNMATE-SF5403 Datasheet
166Kb / 2P
3A Axial Leaded Super Fast Soft Recovery Rectifier
More results

Similar Description - SF5403

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
1N5811 GULFSEMI-1N5811 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?50V CURRENT: 3.0A
BYM36C GULFSEMI-BYM36C Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYM36E GULFSEMI-BYM36E Datasheet
76Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYT56M GULFSEMI-BYT56M Datasheet
153Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 3.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
FE4G GULFSEMI-FE4G Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
G4J GULFSEMI-G4J Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
UF30A GULFSEMI-UF30A Datasheet
214Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com