Electronic Components Datasheet Search
  English  ▼

X  

SMA25 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SMA25
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SMA25 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SMA25 Datasheet HTML 1Page - Gulf Semiconductor SMA25 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.4
www.gulfsemi.com
SMA22 THRU SMA26
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
VOLTAGE:20 TO 60V
CURRENT: 2.0A
FEATURE
SMA/DO--214AC
Plastic package has Underwriters Laboratory Flammability Classification
94V-0
For surface mounted applications
Low profile package
Built-in strain relief
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage high frequency inverters, free wheeling, and polarity
protection applications
Guard ring for over voltage protection
High temperature soldering guaranteed:
250
ºC /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC SMA/DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounce, 0.064 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
ºC, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
SMA
22
SMA
23
SMA
24
SMA
25
SMA
26
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
20
30
40
50
60
V
Maximum RMS Voltage
Vrms
14
21
28
35
42
V
Maximum DC blocking Voltage
Vdc
20
30
40
50
60
V
Maximum Average Forward Rectified
Current 3/8”lead length at TL =100ºC
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Forward Voltage at
rated Forward current
(Note 1)
Vf
0.5
0.7
V
Maximum DC Reverse Current
Ta =25
ºC
at rated DC blocking voltage
Ta =100
ºC
Ir
0.5
mA
20.0
10.0
Typical Thermal Resistance
(Note 2)
R(ja)
75.0
ºC /W
Storage and Operating Temperature
Tstg
-65 to +150
ºC
NOTES:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2?(5.0 x 5.0mm) copper pad areas


Similar Part No. - SMA25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA25 MACOM-SMA25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
SMA25 MA-COM-SMA25 Datasheet
611Kb / 3P
Cascadable Amplifier 5 to 1500 MHz
logo
Tyco Electronics
SMA25-1 MACOM-SMA25-1 Datasheet
107Kb / 1P
2 TO 1500 MHz CASCADABLE AMPLIFIER
SMA25-1 MACOM-SMA25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
More results

Similar Description - SMA25

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB26S GULFSEMI-SB26S Datasheet
126Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB210 GULFSEMI-SB210 Datasheet
136Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 to 100V CURRENT: 2.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB260A GULFSEMI-SB260A Datasheet
366Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
SB260S GULFSEMI-SB260S Datasheet
386Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com