Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2T45DCUT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2T45DCUT
Description  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2T45DCUT Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74LVC2T45DCUT Datasheet HTML 11Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 12Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 13Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 14Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 15Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 16Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 17Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 18Page - Texas Instruments SN74LVC2T45DCUT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
VCC1
VCC1
VCC2
SYSTEM-1
SYSTEM-2
VCC1
1
2
3
4
8
7
6
5
VCC2
VCC2
SN74LVC2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES516I – DECEMBER 2003 – REVISED MARCH 2007
The following shows an example of the SN74LVC2T45 being used in a unidirectional logic level-shifting
application.
PIN
NAME
FUNCTION
DESCRIPTION
1
VCCA
VCC1
SYSTEM-1 supply voltage (1.65 V to 5.5 V)
2
A1
OUT1
Output level depends on VCC1 voltage.
3
A2
OUT2
Output level depends on VCC1 voltage.
4
GND
GND
Device GND
5
DIR
DIR
GND (low level) determines B-port to A-port direction.
6
B2
IN2
Input threshold value depends on VCC2 voltage.
7
B1
IN1
Input threshold value depends on VCC2 voltage.
8
VCCB
VCC2
SYSTEM-2 supply voltage (1.65 V to 5.5 V)
Figure 2. Unidirectional Logic Level-Shifting Application
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com