Electronic Components Datasheet Search
  English  ▼

X  

UERB20F Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UERB20F
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 300V CURRENT:20.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UERB20F Datasheet(HTML) 1 Page - Gulf Semiconductor

  UERB20F Datasheet HTML 1Page - Gulf Semiconductor UERB20F Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UERB20F
Ultra fast Plastic Power Rectifiers
VOLTAGE: 300V
CURRENT:20.0A
FEATURE
TO-263AB/D2PACK
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
UERB20F
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
300
V
Maximum RMS Voltage
Vrms
210
V
Maximum DC blocking Voltage
Vdc
300
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
20.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
180
A
Maximum Forward Voltage at Forward
Current 10A and 25
°C
Vf
1.3
V
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical thermal resistance junction to case
RθJc
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10.0
100.0
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UERB20F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UERB20D GULFSEMI-UERB20D Datasheet
211Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
More results

Similar Description - UERB20F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FCU20G GULFSEMI-FCU20G Datasheet
191Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:20.0A
FERA20D GULFSEMI-FERA20D Datasheet
88Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
FERP20D GULFSEMI-FERP20D Datasheet
87Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
FESP20J GULFSEMI-FESP20J Datasheet
70Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:20.0A
RERA20D GULFSEMI-RERA20D Datasheet
42Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERA20D GULFSEMI-UERA20D Datasheet
118Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UERP20D GULFSEMI-UERP20D Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UGRA20D GULFSEMI-UGRA20D Datasheet
96Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
UGRA20F GULFSEMI-UGRA20F Datasheet
160Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:20.0A
UGRB20D GULFSEMI-UGRB20D Datasheet
195Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 20.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com