Electronic Components Datasheet Search
  English  ▼

X  

UESB06J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UESB06J
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UESB06J Datasheet(HTML) 1 Page - Gulf Semiconductor

  UESB06J Datasheet HTML 1Page - Gulf Semiconductor UESB06J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UESB06J
UESB06J
UESB06J
UESB06J
Ultra
Ultra
Ultra
Ultra fast
fast
fast
fast Plastic
Plastic
Plastic
Plastic Power
Power
Power
Power Rectifiers
Rectifiers
Rectifiers
Rectifiers
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE:::: 600V
600V
600V
600V
CURRENT:6.0A
CURRENT:6.0A
CURRENT:6.0A
CURRENT:6.0A
FEATURE
FEATURE
FEATURE
FEATURE
TO
TO
TO
TO----263AB/D
263AB/D
263AB/D
263AB/D2222PACK
PACK
PACK
PACK
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
Case: JEDEC TO-263AB molded plastic body over passivated chip
Terminals: Plated Insert leads, solderable per MIL-STD-750,
Method 2026
Mounting Position: 10 in-lbs maximum
Dimensions in inches and (millimeters)
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS AND
AND
AND
AND ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SYMBOL
SYMBOL
SYMBOL
UESB06J
UESB06J
UESB06J
UESB06J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
V
Maximum RMS Voltage
Vrms
420
V
Maximum DC blocking Voltage
Vdc
600
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
6.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
90
A
Maximum Forward Voltage at rated Forward
Current
Vf
1.6
V
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical thermal resistance junction to case
Rth(jc)
3.0
℃/W
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10
100
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
℃
Note:
Reverse Recovery Condition If =
=
=
=0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UESB06J

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UES NICHICON-UES Datasheet
598Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
National Instruments Co...
UES-3880 NI-UES-3880 Datasheet
1Mb / 6P
Industrial Ethernet Switches - Managed and Unmanaged
logo
YAGEO Corporation
UES08A03L05 YAGEO-UES08A03L05 Datasheet
468Kb / 7P
Electrostatic Discharged Protection Devices (ESD)
Jul. 04, 2023 V.2
UES08A05L05 YAGEO-UES08A05L05 Datasheet
621Kb / 8P
Electrostatic Discharged Protection Devices (ESD)
Jul. 04, 2023 V.0
logo
Nichicon corporation
UES0J101MEM NICHICON-UES0J101MEM Datasheet
65Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UESB06J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FESB06J GULFSEMI-FESB06J Datasheet
76Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FMG-06J GULFSEMI-FMG-06J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 6.0A
UERP06G GULFSEMI-UERP06G Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESP06G GULFSEMI-UESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESP06J GULFSEMI-UESP06J Datasheet
94Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP06D GULFSEMI-UGSP06D Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com