Electronic Components Datasheet Search
  English  ▼

X  

UESP06G Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UESP06G
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UESP06G Datasheet(HTML) 1 Page - Gulf Semiconductor

  UESP06G Datasheet HTML 1Page - Gulf Semiconductor UESP06G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
UESP06G
UESP06G
UESP06G
UESP06G
Ultra
Ultra
Ultra
Ultra fast
fast
fast
fast Plastic
Plastic
Plastic
Plastic Power
Power
Power
Power Rectifiers
Rectifiers
Rectifiers
Rectifiers
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE:::: 400V
400V
400V
400V
CURRENT:
CURRENT:
CURRENT:
CURRENT: 6.
6.
6.
6.0
0
0
0A
A
A
A
FEATURE
FEATURE
FEATURE
FEATURE
ITO
ITO
ITO
ITO-2
-2
-2
-220AC
20AC
20AC
20AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DATA
DATA
DATA
DATA
Case: JEDEC ITO-220AC molded plastic body over
passivated chip
Terminals: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS AND
AND
AND
AND ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SYMBOL
SYMBOL
SYMBOL
UESP06G
UESP06G
UESP06G
UESP06G
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
V
Maximum RMS Voltage
Vrms
280
V
Maximum DC blocking Voltage
Vdc
400
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
6.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
75
A
Maximum Forward Voltage at rated Forward
Current at 6A
Vf
1.4
V
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical thermal resistance junction to case
RθJc
7.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
100
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =
=
=
=0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UESP06G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UESP06J GULFSEMI-UESP06J Datasheet
94Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
More results

Similar Description - UESP06G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FERA16G GULFSEMI-FERA16G Datasheet
93Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 16.0A
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
FESB06J GULFSEMI-FESB06J Datasheet
76Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
FMG-06J GULFSEMI-FMG-06J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 6.0A
UERP06G GULFSEMI-UERP06G Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESB06J GULFSEMI-UESB06J Datasheet
173Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
UESP06J GULFSEMI-UESP06J Datasheet
94Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
UESP08G GULFSEMI-UESP08G Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:8.0A
UGSP06D GULFSEMI-UGSP06D Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com