Electronic Components Datasheet Search
  English  ▼

X  

UESP06J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UESP06J
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UESP06J Datasheet(HTML) 1 Page - Gulf Semiconductor

  UESP06J Datasheet HTML 1Page - Gulf Semiconductor UESP06J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UESP06J
Ultra fast Plastic Power Rectifiers
VOLTAGE: 600V
CURRENT:6.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over passivated chip
Terminals: Plated Insert leads, solderable per MIL-STD-750,
Method 2026
Mounting Position: 10 in-lbs maximum
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
UESP06J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
V
Maximum RMS Voltage
Vrms
420
V
Maximum DC blocking Voltage
Vdc
600
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
6.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
90
A
Maximum Forward Voltage at rated Forward
Current
Vf
1.6
V
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical thermal resistance junction to case
Rth(jc)
3.0
℃/W
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10
100
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
℃
Note:
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UESP06J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UESP06G GULFSEMI-UESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
More results

Similar Description - UESP06J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FESB06J GULFSEMI-FESB06J Datasheet
76Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
FESP06G GULFSEMI-FESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FMG-06J GULFSEMI-FMG-06J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 6.0A
UERP06G GULFSEMI-UERP06G Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UESB06J GULFSEMI-UESB06J Datasheet
173Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:6.0A
UESP06G GULFSEMI-UESP06G Datasheet
83Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 6.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP06D GULFSEMI-UGSP06D Datasheet
81Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com