Electronic Components Datasheet Search
  English  ▼

X  

PCF8574PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574PW
Description  REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8574PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCF8574PW Datasheet HTML 3Page - Texas Instruments PCF8574PW Datasheet HTML 4Page - Texas Instruments PCF8574PW Datasheet HTML 5Page - Texas Instruments PCF8574PW Datasheet HTML 6Page - Texas Instruments PCF8574PW Datasheet HTML 7Page - Texas Instruments PCF8574PW Datasheet HTML 8Page - Texas Instruments PCF8574PW Datasheet HTML 9Page - Texas Instruments PCF8574PW Datasheet HTML 10Page - Texas Instruments PCF8574PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Electrical Characteristics
I
2C Interface Timing Requirements
PCF8574
www.ti.com ............................................................................................................................................................... SCPS068G – JULY 2001 – REVISED MAY 2008
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.5 V to 6 V
–1.2
V
VPOR
Power-on reset voltage(2)
VI = VCC or GND,
IO = 0
6 V
1.3
2.4
V
IOH
P port
VO = GND
2.5 V to 6 V
30
300
µA
IOHT
P-port transient pullup current
High during acknowledge, VOH = GND
2.5 V
–1
mA
SDA
VO = 0.4 V
2.5 V to 6 V
3
IOL
P port
VO = 1 V
5 V
10
25
mA
INT
VO = 0.4 V
2.5 V to 6 V
1.6
SCL, SDA
±5
II
INT
VI = VCC or GND
2.5 V to 6 V
±5
µA
A0, A1, A2
±5
IIHL
P port
VI ≥ VCC or VI ≤GND
2.5 V to 6 V
±400
µA
Operating mode
VI = VCC or GND,
IO = 0,
fSCL = 100 kHz
40
100
ICC
6 V
µA
Standby mode
VI = VCC or GND,
IO = 0
2.5
10
Ci
SCL
VI = VCC or GND
2.5 V to 6 V
1.5
7
pF
SDA
3
7
Cio
VIO = VCC or GND
2.5 V to 6 V
pF
P port
4
10
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
The power-on reset circuit resets the I2C-bus logic with VCC < VPOR and sets all I/Os to logic high (with current source to VCC).
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
MIN
MAX
UNIT
fscl
I2C clock frequency
100
kHz
tsch
I2C clock high time
4
µs
tscl
I2C clock low time
4.7
µs
tsp
I2C spike time
100
ns
tsds
I2C serial data setup time
250
ns
tsdh
I2C serial data hold time
0
ns
ticr
I2C input rise time
1
µs
ticf
I2C input fall time
0.3
µs
tocf
I2C output fall time (10-pF to 400-pF bus)
300
ns
tbuf
I2C bus free time between stop and start
4.7
µs
tsts
I2C start or repeated start condition setup
4.7
µs
tsth
I2C start or repeated start condition hold
4
µs
tsps
I2C stop condition setup
4
µs
tvd
Valid data time
SCL low to SDA output valid
3.4
µs
Cb
I2C bus capacitive load
400
pF
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCF8574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com