Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G07DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DBVT
Description  SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G07DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G07DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G07
SCES296W – FEBRUARY 2000 – REVISED JUNE 2008 .................................................................................................................................................. www.ti.com
This single buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
The output of the SN74LVC1G07 device is open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
This device is fully specified for partial-power-down applications using Ioff.The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)(2)
PART NUMBER
MARKING(3)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1G07YZPR
_ _ _CV_
0.23-mm Large Bump – YZP (Pb-free)
NanoFree™ – WCSP (DSBGA)
_ _ _ _
Reel of 3000
SN74LVC1G07YZVR
0.23-mm Large Bump – YZV (Pb-free)
CV
SN74LVC1G07DRYR
SON – DRY
Reel of 5000
CV_
–40
=C to
SN74LVC1G07DRYRG4
85
=C
Reel of 3000
SN74LVC1G07DBVR
SOT (SOT-23) – DBV
C07_
Reel of 250
SN74LVC1G07DBVT
Reel of 3000
SN74LVC1G07DCKR
SOT (SC-70) – DCK
CV_
Reel of 250
SN74LVC1G07DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G07DRLR
CV_
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2
has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
2
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com