Electronic Components Datasheet Search
  English  ▼

X  

UG2A Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UG2A
Description  ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?2.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UG2A Datasheet(HTML) 1 Page - Gulf Semiconductor

  UG2A Datasheet HTML 1Page - Gulf Semiconductor UG2A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
UG2A THRU UG2D
ULTRAFAST EFFICIENT
PLASTIC SILICON RECTIFIER
VOLTAGE:
:
:
:50 TO 200V
CURRENT:
:
:
: 2.0A
FEATURE
DO-15/DO-204AC
Low power loss
High surge capability
Glass passivated chip junction
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250℃/10sec/0.375″lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
SYMBOL
UG2A
UG2B
UG2C
UG2D
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
150
200
V
Maximum RMS Voltage
Vrms
35
70
105
140
V
Maximum DC blocking Voltage
Vdc
50
100
150
200
V
Maximum Average Forward Rectified
Current 3/8″lead length at Ta =75℃
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
80.0
A
Maximum Forward Voltage at Forward current
2.0A Peak
Vf
0.95
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =120℃
Ir
5.0
200.0
μA
μA
Maximum Reverse Recovery Time
(Note 1)
Trr
15
nS
Typical Junction Capacitance
(Note 2)
Cj
15
pF
Typical Thermal Resistance
(Note 3)
R(ja)
45
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
℃
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8″lead length, P.C. Board Mounted


Similar Part No. - UG2A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG2A GE-UG2A Datasheet
48Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
UG2A VISHAY-UG2A Datasheet
96Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
logo
SEMTECH ELECTRONICS LTD...
UG2A SEMTECH_ELEC-UG2A Datasheet
260Kb / 2P
SUPER FAST RECTIFIERS
logo
Vishay Siliconix
UG2A VISHAY-UG2A Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
logo
Shenzhen Taychipst Elec...
UG2A TAYCHIPST-UG2A Datasheet
2Mb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - UG2A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR220 GULFSEMI-MUR220 Datasheet
176Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
RG2GE GULFSEMI-RG2GE Datasheet
87Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
UF1001 GULFSEMI-UF1001 Datasheet
151Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
UF3001 GULFSEMI-UF3001 Datasheet
155Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
UF1200 GULFSEMI-UF1200 Datasheet
126Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
UF4001E GULFSEMI-UF4001E Datasheet
134Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
UG1A GULFSEMI-UG1A Datasheet
84Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 200V CURRENT竊?1.0A
UG2D-A GULFSEMI-UG2D-A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?200V CURRENT竊?2.0A
UG2F GULFSEMI-UG2F Datasheet
112Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00 TO 400V CURRENT竊?2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com