Electronic Components Datasheet Search
  English  ▼

X  

UG3KB100 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UG3KB100
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UG3KB100 Datasheet(HTML) 1 Page - Gulf Semiconductor

  UG3KB100 Datasheet HTML 1Page - Gulf Semiconductor UG3KB100 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UG3KB05 THRU UG3KB100
SINGLE
PHASE
GLASS
PASSIVATED
BRIDGE
RECTIFIER
Voltage: 50
to
1000V
Current:3.0A
Features
D3K
Glass passivated chip junction
High case dielectric strength
High surge current capability
Ideal for printed circuit board
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E,
Method 208C
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
Symbol
UG3K
B05
UG3
KB10
UG3
KB20
UG3
KB40
UG3K
B60
UG3
KB80
UG3K
B100
units
Maximum repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum average forward rectified output current
Tc 140℃ with heatsink
If(av)
3.0
A
Peak
forward
surge
current
single
sine-wave
superimposed on rated load (JEDEC Method)
Ifsm
90
A
Maximum instantaneous forward voltage drop per leg at
1.5A
Vf
1.05
V
Rating for fusing (3ms≤ t < 8.3ms)
I2t
35
A2Sec
Maximum DC reverse current at
Ta = 25°C
rated DC blocking voltage per leg
Ta = 125°C
Ir
10.0
500
µA
Thermal resistance
without heatsink
with heatsink
without heatsink
Rth(ja)
Rth(jc)
Rth(jl)
55
1.5
15
℃/W
Operating junction and storage temperature range
Tj, Tstg
-55 to +150
℃
Note:


Similar Part No. - UG3KB100

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
UG3KB100 JUXING-UG3KB100 Datasheet
779Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG3KB100 CHENDA-UG3KB100 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
UG3KB100 NIUHANG-UG3KB100 Datasheet
19Mb / 3P
BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG3KB100 DYELEC-UG3KB100 Datasheet
397Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG3KB100 ZSELEC-UG3KB100 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
More results

Similar Description - UG3KB100

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
3KBP005M GULFSEMI-3KBP005M Datasheet
95Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB605 GULFSEMI-GSIB605 Datasheet
129Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
KBP3005G GULFSEMI-KBP3005G Datasheet
91Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com