Electronic Components Datasheet Search
  English  ▼

X  

UGSP05F Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UGSP05F
Description  Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:5.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UGSP05F Datasheet(HTML) 1 Page - Gulf Semiconductor

  UGSP05F Datasheet HTML 1Page - Gulf Semiconductor UGSP05F Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UGSP05F
Ultra fast Plastic Rectifiers
VOLTAGE: 300V
CURRENT:5.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC ITO-220AC molded plastic body over
passivated chip
Terminals: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
Parameter
SYMBOL
UGSP05F
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
300
V
Maximum RMS Voltage
Vrms
210
V
Maximum DC blocking Voltage
Vdc
300
V
Maximum Average Forward Rectified
If(av)
5.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
100
A
Maximum Forward Voltage at rated Forward
Current at 5A
Vf
1.4
V
Maximum Reverse Recovery Time
(Note 1)
Trr
25
nS
Typical thermal resistance junction to case
RθJc
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
10
100
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Similar Part No. - UGSP05F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP05D GULFSEMI-UGSP05D Datasheet
68Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
UGSP05J GULFSEMI-UGSP05J Datasheet
115Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:5.0A
UGSP05JL GULFSEMI-UGSP05JL Datasheet
136Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 5.0A
More results

Similar Description - UGSP05F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESP05J GULFSEMI-FESP05J Datasheet
79Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:5.0A
FESP05K GULFSEMI-FESP05K Datasheet
70Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 5.0A
FML-05D GULFSEMI-FML-05D Datasheet
63Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UESA05J GULFSEMI-UESA05J Datasheet
96Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 5.0A
UESP05D GULFSEMI-UESP05D Datasheet
172Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UESP05F GULFSEMI-UESP05F Datasheet
47Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 300V CURRENT: 5.0A
UGRA20F GULFSEMI-UGRA20F Datasheet
160Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:20.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
UGSP05J GULFSEMI-UGSP05J Datasheet
115Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:5.0A
UGSP05JL GULFSEMI-UGSP05JL Datasheet
136Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 5.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com