Electronic Components Datasheet Search
  English  ▼

X  

TAS5611APHD Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611APHD
Description  125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611APHD Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5611APHD Datasheet HTML 15Page - Texas Instruments TAS5611APHD Datasheet HTML 16Page - Texas Instruments TAS5611APHD Datasheet HTML 17Page - Texas Instruments TAS5611APHD Datasheet HTML 18Page - Texas Instruments TAS5611APHD Datasheet HTML 19Page - Texas Instruments TAS5611APHD Datasheet HTML 20Page - Texas Instruments TAS5611APHD Datasheet HTML 21Page - Texas Instruments TAS5611APHD Datasheet HTML 22Page - Texas Instruments TAS5611APHD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
TAS5611A
www.ti.com
SLAS709 – JUNE 2010
THEORY OF OPERATION
POWER SUPPLIES
To facilitate system design, the TAS5611A needs only a 12V supply in addition to the (typical) 32.5V
power-stage supply. An internal voltage regulator provides suitable voltage levels for the digital and low-voltage
analog circuitry. Additionally, all circuitry requiring a floating voltage supply, e.g., the high-side gate drive, is
accommodated by built-in bootstrap circuitry requiring only an external capacitor for each half-bridge.
To provide outstanding electrical and acoustical characteristics, the PWM signal path including gate drive and
output stage is designed as identical, independent half-bridges. For this reason, each half-bridge has separate
gate drive supply (GVDD_X), bootstrap pins (BST_X), and power-stage supply pins (PVDD_X). Furthermore, an
additional pin (VDD) is provided as supply for all common circuits. Although supplied from the same 12V source,
it is highly recommended to separate GVDD_A, GVDD_B, GVDD_C, GVDD_D, and VDD on the printed-circuit
board (PCB) by RC filters (see application diagram for details). These RC filters provide the recommended
high-frequency isolation. Special attention should be paid to placing all decoupling capacitors as close to their
associated pins as possible. In general, inductance between the power supply pins and decoupling capacitors
must be avoided. (See reference board documentation for additional information.)
For a properly functioning bootstrap circuit, a small ceramic capacitor must be connected from each bootstrap pin
(BST_X) to the power-stage output pin (OUT_X). When the power-stage output is low, the bootstrap capacitor is
charged through an internal diode connected between the gate-drive power-supply pin (GVDD_X) and the
bootstrap pin. When the powerstage output is high, the bootstrap capacitor potential is shifted above the output
potential and thus provides a suitable voltage supply for the high-side gate driver. In an application with PWM
switching frequencies in the range from 300kHz to 400kHz, it is recommended to use 33nF ceramic capacitors,
size 0603 or 0805, for the bootstrap supply. These 33nF capacitors ensure sufficient energy storage, even during
minimal PWM duty cycles, to keep the high-side power stage FET (LDMOS) fully turned on during the remaining
part of the PWM cycle.
Special attention should be paid to the power-stage power supply; this includes component selection, PCB
placement, and routing. As indicated, each half-bridge has independent power-stage supply pins (PVDD_X). For
optimal electrical performance, EMI compliance, and system reliability, it is important that each PVDD_X pin is
decoupled with a 2mF ceramic capacitor placed as close as possible to each supply pin. It is recommended to
follow the PCB layout of the TAS5611A reference design. For additional information on recommended power
supply and required components, see the application diagrams in this data sheet.
The 12V supply should be from a low-noise, low-output impedance voltage regulator. Likewise, the 32.5V
power-stage supply is assumed to have low output impedance and low noise. The power-supply sequence is not
critical as facilitated by the internal power-on-reset circuit. Moreover, the TAS5611A is fully protected against
erroneous power-stage turn on due to parasitic gate charging. Thus, voltage-supply ramp rates (dV/dt) are
non-critical within the specified range (see the Recommended Operating Conditions table of this data sheet).
SYSTEM POWER-UP/POWER-DOWN SEQUENCE
Powering Up
The TAS5611A does not require a power-up sequence. The outputs of the H-bridges remain in a
high-impedance state until the gate-drive supply voltage (GVDD_X) and VDD voltage are above the undervoltage
protection (UVP) voltage threshold (see the Electrical Characteristics table of this data sheet). Although not
specifically required, it is recommended to hold RESET in a low state while powering up the device. This allows
an internal circuit to charge the external bootstrap capacitors by enabling a weak pulldown of the half-bridge
output.
Powering Down
The TAS5611A does not require a power-down sequence. The device remains fully operational as long as the
gate-drive supply (GVDD_X) voltage and VDD voltage are above the undervoltage protection (UVP) voltage
threshold (see the Electrical Characteristics table of this data sheet). Although not specifically required, it is a
good practice to hold RESET low during power down, thus preventing audible artifacts including pops or clicks.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TAS5611A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com