Electronic Components Datasheet Search
  English  ▼

X  

TAS5616PHD Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5616PHD
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616PHD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5616PHD Datasheet HTML 8Page - Texas Instruments TAS5616PHD Datasheet HTML 9Page - Texas Instruments TAS5616PHD Datasheet HTML 10Page - Texas Instruments TAS5616PHD Datasheet HTML 11Page - Texas Instruments TAS5616PHD Datasheet HTML 12Page - Texas Instruments TAS5616PHD Datasheet HTML 13Page - Texas Instruments TAS5616PHD Datasheet HTML 14Page - Texas Instruments TAS5616PHD Datasheet HTML 15Page - Texas Instruments TAS5616PHD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
0
40
4
8
12
16
20
24
28
32
36
0
360
40
80
120
160
200
240
280
320
2ChannelOutputPower-W
T =25°C
THD+Nat10%
C
8 W
0
200
20
40
60
80
100
120
140
160
180
10
120
20
30
40
50
60
70
80
90
100 110
T -CaseTemperature-C
C
8 W
THD+Nat10%
-160
0
-140
-120
-100
-80
-60
-40
-20
22
2
4
6
8
10
12
14
16
18
20
f-Frequency-kHz
0
8 W
T =75°C
V
=32.69V
SampleRate=48kHz
FFTSize=16384
C
REF
TAS5616
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
SYSTEM POWER LOSS
OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
NOISE AMPLITUDE
vs
FREQUENCY - VREF = 32.7 V
Figure 7.
12
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com