Electronic Components Datasheet Search
  English  ▼

X  

R12L09 Datasheet(PDF) 1 Page - Recom International Power

Part # R12L09
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12L09 Datasheet(HTML) 1 Page - Recom International Power

  R12L09 Datasheet HTML 1Page - Recom International Power R12L09 Datasheet HTML 2Page - Recom International Power R12L09 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EU 2
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxL and RxxM Series, 0.25 Watt, DIP8/SIP4, 1kVDC Isolation (Single Output)
Selection Guide 3.3V, 5V and 12V input types
Typical Isolation Capitance (pF)
Absolute Maximum Ratings Over Operating Free Air Temperature Range
● High Efficiency for Low Power
Applications
● Pin Compatible with Industrie
Standard
● Single Output Rail
● UL 94V-O Package Material
● No Heatsink Required
● Toroidal Magnetics
● Fully Encapsulated
● No External Components Required
● Custom Solutions Available
Features
Part Number
Output
Output
Package
Voltage
Current
Style
(V)
(mA)
RxxL03
3.3
76
RxxL05
5
50
RxxL09
9
28
DIP8
RxxL12
12
21
RxxL15
15
16
RxxM03
3.3
76
RxxM05
5
50
RxxM09
9
28
SIP4
RxxM12
12
21
RxxM15
15
16
Part Number
Output Voltage (V)
03V
05V
09V
12V
15V
R03L/Mxx
–
25
70
38
38
R05L/Mxx
25
29
37
41
40
R12L/Mxx
–
38
40
43
45
Input Voltage V
IN
3V types
5V
Input Voltage V
IN
5V types
7V
Input Voltage V
IN
12V types
15V
Output Power Total
250mW
Short Circuit Duration
1s
Isolation Voltage (flash tested for 1 second)
1000VDC
Operating Free Air Temperature Range (requires a minimum of 10 mm air space around the component)
–40°C to 70°C (see derating Curve)
Storage Temperature Range
–55°C to 150°C
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C


Similar Part No. - R12L09

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R12L12H0 PRODUCTWELL-R12L12H0 Datasheet
124Kb / 2P
ROTARY POTENTIOMETER
R12L12H0 PRODUCTWELL-R12L12H0_14 Datasheet
130Kb / 2P
ROTARY POTENTIOMETER
R12L12HB PRODUCTWELL-R12L12HB Datasheet
124Kb / 2P
ROTARY POTENTIOMETER
R12L12HB PRODUCTWELL-R12L12HB_14 Datasheet
135Kb / 2P
ROTARY POTENTIOMETER
logo
Unisonic Technologies
R12LD10 UTC-R12LD10 Datasheet
508Kb / 14P
LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results

Similar Description - R12L09

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05105 RECOM-R05105 Datasheet
86Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
EUROLINE- DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
EUROLINE - DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
EUROLINE DC/DC-Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com