Electronic Components Datasheet Search
  English  ▼

X  

TL061ACDR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL061ACDR
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL061ACDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL061ACDR Datasheet HTML 10Page - Texas Instruments TL061ACDR Datasheet HTML 11Page - Texas Instruments TL061ACDR Datasheet HTML 12Page - Texas Instruments TL061ACDR Datasheet HTML 13Page - Texas Instruments TL061ACDR Datasheet HTML 14Page - Texas Instruments TL061ACDR Datasheet HTML 15Page - Texas Instruments TL061ACDR Datasheet HTML 16Page - Texas Instruments TL061ACDR Datasheet HTML 17Page - Texas Instruments TL061ACDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.7
125
100
75
50
25
0
−25
−50
TA − Free-Air Temperature − °C
−75
0.8
0.9
1
1.1
1.2
1.3
1.02
1.01
1
0.99
0.98
0.97
1.03
VCC± = ±15 V
RL = 10 kΩ
f = B1 for Phase Shift
Unity-Gain Bandwidth
(left scale)
Phase Shift
(right scale)
Slew Rate
(left scale)
NORMALIZED UNITY-GAIN BANDWIDTH,
SLEW RATE, AND PHASE SHIFT
vs
FREE-AIR TEMPERATURE
Figure 14
125
100
75
50
25
0
−25
0.01
−50
TA − Free-Air Temperature − °C
0.04
0.1
0.4
1
4
10
40
100
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VCC± = ±15 V
Figure 15
Figure 16
−6
t − Time −
µs
Input
Output
VCC± = ±15 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
02
4
6
8
10
−4
−2
0
2
4
6
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
vs
TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com