Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04DBRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74ACT04DBRG4
Description  HEX INVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT04DBRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74ACT04DBRG4 Datasheet HTML 9Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 10Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 11Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 12Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 13Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 14Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 15Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 16Page - Texas Instruments SN74ACT04DBRG4 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com