Electronic Components Datasheet Search
  English  ▼

X  

R12G15 Datasheet(PDF) 3 Page - Recom International Power

Part # R12G15
Description  EUROLINE - DC/DC - CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12G15 Datasheet(HTML) 3 Page - Recom International Power

  R12G15 Datasheet HTML 1Page - Recom International Power R12G15 Datasheet HTML 2Page - Recom International Power R12G15 Datasheet HTML 3Page - Recom International Power R12G15 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EU 18
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxG/H and RxxJ/K Series, 1 Watt, DIP14/SIP7, 3kVDC Isolated (Single & Dual Output)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R012G/H/J/Kxx Dual Output Types
R05G/H/J/Kxx Single Output Types
Tolerance Envelope
Temperature Derating Graph
R05G/H/J/Kxx Dual Output Types
100
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
0509, 0512
0515
0505
–10
Total Output Current (%)
–5
0
+10
+15
40
60
80
20
0
100
+5
0505
0512
0509
0515
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
100
1209, 1215
1212
1205
Total Output Current (%)
–5
0
+10
+15
40
60
80
20
0
100
+5
-10
1212
1209
1205
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
100
1212, 1215
1205
1209
Total Output Current (%)
-4
0
+12
+16
40
60
80
20
0
100
+8
-8
+4
1205
1212
1209
1215
R012G/H/J/Kxx Single Output Types
Ambient Temperature ˚C
0.5
100
50
0
-40
85 120
150
0
2.0
1.5
1.0
Safe
Operating Area
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
100
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
0509
0512
0505
Total Output Current (%)
40
60
80
20
0
100
0509
–10
-5
+10
+15
0
+20
+5
0515
0505
0512
1215



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com