Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT04DRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT04DRE4
Description  HEX INVERTERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT04DRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT04DRE4 Datasheet HTML 1Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 2Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 3Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 4Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 5Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 6Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 7Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 8Page - Texas Instruments SN74ACT04DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ACT04, SN74ACT04
HEX INVERTERS
SCAS518C − JULY 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 8.5 ns at 5 V
D Inputs Are TTL-Voltage Compatible
SN54ACT04 ...J OR W PACKAGE
SN74ACT04 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54ACT04 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC − No internal connection
description/ordering information
The ‘ACT04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT04N
SN74ACT0N
SOIC − D
Tube
SN74ACT04D
ACT04
SOIC − D
Tape and reel
SN74ACT04DR
ACT04
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT04NSR
ACT04
−40 C to 85 C
SSOP − DB
Tape and reel
SN74ACT04DBR
AD04
TSSOP − PW
Tube
SN74ACT04PW
AD04
TSSOP − PW
Tape and reel
SN74ACT04PWR
AD04
CDIP − J
Tube
SNJ54ACT04J
SNJ54ACT04J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT04W
SNJ54ACT04W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT04FK
SNJ54ACT04FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
INPUT
A
OUTPUT
Y
H
L
L
H
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74ACT04DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT04DRE4 TI-SN74ACT04DRE4 Datasheet
509Kb / 15P
HEX INVERTERS
SN74ACT04DRE4 TI-SN74ACT04DRE4 Datasheet
657Kb / 17P
HEX INVERTERS
More results

Similar Description - SN74ACT04DRE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
JM38510-65701B2A TI1-JM38510-65701B2A Datasheet
1Mb / 21P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com