Electronic Components Datasheet Search
  English  ▼

X  

R05L12 Datasheet(PDF) 3 Page - Recom International Power

Part # R05L12
Description  EUROLINE - DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05L12 Datasheet(HTML) 3 Page - Recom International Power

  R05L12 Datasheet HTML 1Page - Recom International Power R05L12 Datasheet HTML 2Page - Recom International Power R05L12 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EU 4
www.recom-international.com
0V
GND
+V
VIN
3
12
4
2.54
2.54
1.00ø+0.15/–0
6.00
11.50
RxxMxx
RECOM
****
0.50±0.05
4.1 min.
0.50±0.05
10.00
1.25 typ.
0.25±0.05
7.62
1.9
4.1 min.
0.50±0.05
7.80
5.08
10.10
12.60
RxxLxx
RECOM
****
0.25±0.05
7.62
1.25 typ.
1.9
7.62
2.54
2.54
1.00ø+0.15/–0
(Top View)
4
Vin
1
GND
0V
7
+V
5
8 Pin DIP Package Style
4Pin SIP Package Style
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
EUROLINE - DC/DC-Converter
RxxL and RxxM Series, 0.25 Watt, DIP8/SIP4, 1kVDC Isolation (Single Output)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com