Electronic Components Datasheet Search
  English  ▼

X  

R24J05 Datasheet(PDF) 4 Page - Recom International Power

Part # R24J05
Description  EUROLINE - DC/DC - CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R24J05 Datasheet(HTML) 4 Page - Recom International Power

  R24J05 Datasheet HTML 1Page - Recom International Power R24J05 Datasheet HTML 2Page - Recom International Power R24J05 Datasheet HTML 3Page - Recom International Power R24J05 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
EU 19
EUROLINE - DC/DC-Converter
RxxG/H and RxxJ/K Series, 1 Watt, DIP14/SIP7, 3kVDC Isolated (Single & Dual Output)
10.00
19.90
4.1±0.05
7.10
0.50±0.05
7.62
0.25±0.05
2.13
15.24
1.09
0.50±0.05
4.1±0.05
10.20
0.50±0.05
1.25 typ.
0.25±0.05
15.24
1.88±0.50
19.60
19.60
2.54
1
VIN
2
GND
7
+V
5
–V
6
OV
SIP 7, Dual Output
1
VIN
2
GND
7
+V
5
OV
SIP 7, Single Output
GND
1
0V
9
VIN
14
+V
8
(Top View)
-V
10
7
NC
GND
1
VIN
14
+V
8
(Top View)
0V
10
7
NC
2.54
1.00ø+0.15/–0
2.54
1.00ø+0.15/–0
2.54
2.54
7.62
0.25±0.05
2.13
15.24
1.09
4.1±0.05
0.50±0.05
2.54
10.00
19.90
2.54
2.54
1.00ø+0.15/–0
2.54
2.54
1.00ø+0.15/–0
1.25 typ.
0.25±0.05
15.24
1.88±0.50
0.50±0.05
4.1
10.20
0.50±0.05
2.54
7.10
6.00 11
6.00 11
4.1±0.05
Recommended Footprint Details
Recommended Footprint Details
14 Pin, Single Output
7 Pin, Single Output
14 Pin, Dual Output
7 Pin, Dual Output
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
1 7.70 mm for 48V variants
11 7.50 mm for 48V variants



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com