Electronic Components Datasheet Search
  English  ▼

X  

TL317 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL317
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL317 Datasheet(HTML) 1 Page - Texas Instruments

  TL317 Datasheet HTML 1Page - Texas Instruments TL317 Datasheet HTML 2Page - Texas Instruments TL317 Datasheet HTML 3Page - Texas Instruments TL317 Datasheet HTML 4Page - Texas Instruments TL317 Datasheet HTML 5Page - Texas Instruments TL317 Datasheet HTML 6Page - Texas Instruments TL317 Datasheet HTML 7Page - Texas Instruments TL317 Datasheet HTML 8Page - Texas Instruments TL317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TL317
3TERMINAL ADJUSTABLE REGULATOR
SLVS004G − APRIL 1979 − REVISED SEPTEMBER 2009
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Output Voltage Range Adjustable From
1.2 V to 32 V When Used With an External
Resistor Divider
D Output Current Capability of 100 mA
D Input Regulation Typically 0.01% Per
Input-Voltage Change
D Output Regulation Typically 0.5%
D Ripple Rejection Typically 80 dB
description/ordering information
The TL317 is an adjustable three-terminal
positive-voltage regulator capable of supplying
100 mA over an output-voltage range of 1.2 V to
32 V. It is exceptionally easy to use and requires
only two external resistors to set the output
voltage.
In addition to higher performance than fixed
regulators, this regulator offers full overload
protection available only in integrated circuits.
Included on the chip are current-limiting and
thermal-overload
protection.
All
overload-protection
circuitry
remains
fully
functional,
even
when
ADJUSTMENT
is
disconnected.
Normally,
no
capacitors
are
needed unless the device is situated far from the
input filter capacitors, in which case an input
bypass is needed. An optional output capacitor
can be added to improve transient response.
ADJUSTMENT can be bypassed to achieve very
high ripple rejection, which is difficult to achieve
with standard three-terminal regulators.
In addition to replacing fixed regulators, the TL317 regulator is useful in a wide variety of other applications.
Since the regulator is floating and sees only the input-to-output differential voltage, supplies of several hundred
volts can be regulated as long as the maximum input-to-output differential is not exceeded. Its primary
application is that of a programmable output regulator, but by connecting a fixed resistor between
ADJUSTMENT and OUTPUT, this device can be used as a precision current regulator. Supplies with electronic
shutdown can be achieved by clamping ADJUSTMENT to ground, programming the output to 1.2 V, where most
loads draw little current.
The TL317C is characterized for operation over the virtual-junction temperature range of 0
°C to 125°C.
The TL317 is characterized for operation over the virtual-junction temperature range of −20
°C to 125°C.
Copyright
 2009, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
INPUT
OUTPUT
OUTPUT
ADJUSTMENT
NC
OUTPUT
OUTPUT
NC
D OR PW PACKAGE
(TOP VIEW)
LP PACKAGE
(TOP VIEW)
NC − No internal connection
OUTPUT terminals are all internally connected.
INPUT
OUTPUT
ADJUSTMENT
1
2
3
4
8
7
6
5
INPUT
NC
NC
NC
OUTPUT
NC
ADJUSTMENT
NC
PS PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - TL317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
TL317 TI-TL317 Datasheet
504Kb / 18P
3-TERMINAL ADJUSTABLE REGULATOR
TL317CD TI-TL317CD Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
TL317CD TI-TL317CD Datasheet
504Kb / 18P
3-TERMINAL ADJUSTABLE REGULATOR
TL317CDE4 TI-TL317CDE4 Datasheet
504Kb / 18P
3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - TL317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com