Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL431
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431 Datasheet(HTML) 1 Page - Texas Instruments

  TL431 Datasheet HTML 1Page - Texas Instruments TL431 Datasheet HTML 2Page - Texas Instruments TL431 Datasheet HTML 3Page - Texas Instruments TL431 Datasheet HTML 4Page - Texas Instruments TL431 Datasheet HTML 5Page - Texas Instruments TL431 Datasheet HTML 6Page - Texas Instruments TL431 Datasheet HTML 7Page - Texas Instruments TL431 Datasheet HTML 8Page - Texas Instruments TL431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1
2
3
4
8
7
6
5
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
TL431, TL431A, TL431B . . . D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
TL431, TL431A, TL431B . . . P (PDIP), PS (SOP),
OR PW (TSSOP) PACKAGE
(TOP VIEW)
NC − No internal connection
TL431, TL431A, TL431B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
CATHODE
ANODE
REF
TL431, TL431A, TL431B . . . PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
Pin 2 is attached to Substrate and must be
connected to ANODE or left open.
NC − No internal connection
TL432, TL432A, TL432B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
ANODE
NC
REF
CATHODE
NC − No internal connection
TL431, TL431A, TL431B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
TL432, TL432A, TL432B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
REF
CATHODE
ANODE
1
2
3
CATHODE
REF
ANODE
TL432, TL432A, TL432B . . . PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
PRECISION PROGRAMMABLE REFERENCE
Check for Samples: TL431, TL431A, TL431B, TL432, TL432A, TL432B
1
FEATURES
Operation From
−40°C to 125°C
Typical Temperature Drift (TL431B)
Reference Voltage Tolerance at 25°C
6 mV (C Temp)
0.5% . . . B Grade
14 mV (I Temp, Q Temp)
1%. . . A Grade
Low Output Noise
2% . . . Standard Grade
0.2-
Ω Typical Output Impedance
Sink-Current Capability . . . 1 mA to 100 mA
Adjustable Output Voltage . . . Vref to 36 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results

Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
Programmable Precision Reference
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com