Electronic Components Datasheet Search
  English  ▼

X  

NDF10N62Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # NDF10N62Z
Description  N-Channel Power MOSFET 620 V, 0.65 ?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF10N62Z Datasheet(HTML) 3 Page - ON Semiconductor

  NDF10N62Z Datasheet HTML 1Page - ON Semiconductor NDF10N62Z Datasheet HTML 2Page - ON Semiconductor NDF10N62Z Datasheet HTML 3Page - ON Semiconductor NDF10N62Z Datasheet HTML 4Page - ON Semiconductor NDF10N62Z Datasheet HTML 5Page - ON Semiconductor NDF10N62Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NDF10N62Z, NDP10N62Z
http://onsemi.com
3
TYPICAL CHARACTERISTICS
6.0 V
5.8 V
5.4 V
5.0 V
5.6 V
6.2 V
6.4 V
6.6 V
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
24
20
16
12
8
4
0
0
2
4
8
10
14
18
20
8
7
6
5
4
3
2
0
2
6
8
10
14
18
20
Figure 3. On−Resistance vs. Gate Voltage
Figure 4. On−Resistance vs. Drain Current
and Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
10
9
8
7
6
5
0.60
0.65
0.70
0.75
0.80
12.5
10
7.5
5.0
2.5
0.60
0.65
0.70
0.75
0.80
Figure 5. On−Resistance Variation with
Temperature
Figure 6. BVDSS Variation with Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0.2
0.7
1.2
1.7
2.2
2.7
6
12
16
TJ = 25°C
VGS = 15 V
10 V
7.0 V
4
12
16
TJ = 25°C
TJ = −55°C
TJ = 150°C
VDS = 30 V
TJ = 25°C
ID = 5 A
TJ = 25°C
VGS = 10 V
150
ID = 5 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
75
25
0
−25
−50
0.95
1.0
1.05
1.15
50
ID = 1 mA
1.1
0.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com