Electronic Components Datasheet Search
  English  ▼

X  

NLAS5213 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS5213
Description  1??RON DPST and Dual SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5213 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS5213 Datasheet HTML 1Page - ON Semiconductor NLAS5213 Datasheet HTML 2Page - ON Semiconductor NLAS5213 Datasheet HTML 3Page - ON Semiconductor NLAS5213 Datasheet HTML 4Page - ON Semiconductor NLAS5213 Datasheet HTML 5Page - ON Semiconductor NLAS5213 Datasheet HTML 6Page - ON Semiconductor NLAS5213 Datasheet HTML 7Page - ON Semiconductor NLAS5213 Datasheet HTML 8Page - ON Semiconductor NLAS5213 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NLAS5213
http://onsemi.com
4
OPERATING CONDITIONS
MAXIMUM RATINGS
Symbol
Pins
Parameter
Value
Condition
Unit
VCC
VCC
Positive DC Supply Voltage
−0.5 to 5.5
V
VIS
NOx, NCx,
COMx
Analog Signal Voltage
−0.5 to VCC + 0.5
V
VIN
IN1, IN2
Control Input Voltage
−0.5 to 5.5
V
ICC
VCC
Positive DC Supply Current
50
mA
IIS_CON
NOx, NCx,
COMx
Analog Signal Continues Current
±300
Closed Switch
mA
IIS_PK
NOx, NCx,
COMx
Analog Signal Peak Current
±500
10% Duty Cycle
mA
IIN
IN
Control Input Current
±20
mA
TSTG
Storage Temperature Range
−65 to 150
ºC
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS*
Symbol
Pins
Parameter
Value
Condition
Unit
VCC
VCC
Positive DC Supply Voltage
1.65 to 4.5
V
VIS
NOx, NCx,
COMx
Analog Signal Voltage
0 to VCC
V
VIN
IN1, IN2
Control Input Voltage
0 to VCC
V
TA
Operating Temperature Range
−40 to 85
ºC
Minimum and maximum values are guaranteed through test or design across the Recommended Operating Conditions, where applicable.
Typical values are listed for guidance only and are based on the particularconditions listed for each section, where applicable. These conditions
are valid for all values found in the characteristics tables unless otherwise specified in the test conditions.
ESD PROTECTION
Symbol
Parameter
Value
Unit
ESD
Human Body Model
I/O to GND
All Pins
8.0
4.0
kV
DC ELECTRICAL CHARACTERISTICS
CONTROL INPUT (Typical: T = 25°C, VCC = 3.3 V)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
VIH
OE
Control Input HIGH Voltage
2.7
3.3
4.2
1.4
1.7
2.3
−
−
V
VIL
OE
Control Input LOW Voltage
2.7
3.3
4.2
−
−
0.5
0.5
0.8
V
IIN
OE
Control Input Leakage Current
0 ≤ VIS ≤ VCC
1.65 − 4.5
−
−
±1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com