Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 5KP
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

5KP Datasheet(HTML) 1 Page - Rectron Semiconductor

  5KP Datasheet HTML 1Page - Rectron Semiconductor 5KP Datasheet HTML 2Page - Rectron Semiconductor 5KP Datasheet HTML 3Page - Rectron Semiconductor 5KP Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3. Measured on 8.3mS single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Plastic package has underwriters laboratory
* Glass passivated chip construction
* 5000 watt surage capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
TVS
5KP
SERIES
R-6
5000 WATT PEAK POWER 5.0 WATT STEADY STATE
GPP TRANSIENT VOLTAGE SUPPRESSOR
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types 5KP5.0 thru 5KP110
Electrical characteristics apply in both direction
1998-8
Ratings at 25
oC ambient temperature unless otherwise specified.
NOTES :
2. Mounted on copper pad area of 0.8 X 0.8” ( 20 X 20mm ) per Fig. 5
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
TJ, TSTG
-55 to + 175
0 C
Operating and Storage Temperature Range
RATINGS
Peak Pulse Current with a 10/1000uS waveform (Note 1, Fig. 3)
Peak Forward Surge Current, 8.3ms single half sine wave-
superimposed on rated load( JEDEC METHOD ) (Note 3)
Steady State Power Dissipation at TL = 75
oC lead lengths
0.375” (9.5mm) (Note 2)
SYMBOL
PM(AV)
IFSM
Amps
UNITS
Instantaneous Forward Voltage at 100A, (Note 3)
Watts
Peak Pulse Power Dissipation with a 10/1000uS
waveform (Note 1, FIG.1)
Minimum 5000
8.0
400
VALUE
PPPM
Watts
IPPM
Amps
SEE TABLE 1
VF
3.5
Volts
Back


Similar Part No. - 5KP

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP WTE-5KP Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
5KP EIC-5KP Datasheet
28Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Formosa MS
5KP FORMOSA-5KP Datasheet
87Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENTVOLTAGE SUPPRESSOR
More results

Similar Description - 5KP

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
15KE RECTRON-15KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
WILLAS ELECTRONIC CORP
SMBJ WILLAS-SMBJ Datasheet
648Kb / 5P
600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC64B RECTRON-3KPSMC64B Datasheet
242Kb / 7P
GPP TRANSIENT VOLTAGE SUPPRESSOR
5KP130A RECTRON-5KP130A Datasheet
96Kb / 6P
GPP TRANSIENT VOLTAGE SUPPRESSOR
P4FMAF RECTRON-P4FMAF Datasheet
152Kb / 9P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJXX RECTRON-P4SMAJXX Datasheet
181Kb / 9P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com