Electronic Components Datasheet Search
  English  ▼

X  

RTD-3.324 Datasheet(PDF) 1 Page - Recom International Power

Part # RTD-3.324
Description  ECONOLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTD-3.324 Datasheet(HTML) 1 Page - Recom International Power

  RTD-3.324 Datasheet HTML 1Page - Recom International Power RTD-3.324 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 49
August 2002
● 1kVDC Isolation
● Efficiency to 70%
● UL 94V-0 Package Material
● Toroidal Magnetics
● Internal SMD Construction
Selection Guide
ECONOLINE - DC/DC-Converter
RTS/RTD Series, 2 Watt, SMD (Single & Dual Output)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Part
Input
Output
Output
Efficienc
Number
Voltage
Voltage
Current
SMD
(VDC)
(VDC)
(mA)
(%)
RTS-XX3.3
5, 9, 12, 15, 24
3.3
606
70
RTS-XX05
5, 9, 12, 15, 24
5
400
70
RTS-XX09
5, 9, 12, 15, 24
9
222
75
RTS-XX12
5, 9, 12, 15, 24
12
167
75
RTS-XX15
5, 9, 12, 15, 24
15
133
75
RTS-XX24
5, 9, 12, 15, 24
24
83
78
RTD-XX3.3
5, 9, 12, 15, 24
±3.3
±303
70
RTD-XX05
5, 9, 12, 15, 24
±5
±200
70
RTD-XX09
5, 9, 12, 15, 24
±9
±111
75
RTD-XX12
5, 9, 12, 15, 24
±12
±83
75
RTD-XX15
5, 9, 12, 15, 24
±15
±66
75
RTD-XX24
5, 9, 12, 15, 24
±24
±42
78
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Rated Power
2W
Isolation Voltage
1000VDC min.
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
40pF min./115pF max.
Ripple and Noise (20MHz BW)
150mVp-p max.
Line Voltage Regulation
1.2%/1% of Vin
Load Voltage Regulation (10% to 100% full load)
3.3V output type
20% max.
5V output type
15% max.
9V, 12V, 15V output types
10% max.
24V output type
10% max.
Efficiency at Full Load
70% min.
Short Circuit Protection
1 Second
Operating Temperature Range
-40°C to +71°C
Storage Temperature Range
-55°C to +125°C
Package Weight
Single output types
2.1g
Dual output types
2.5g
Features


Similar Part No. - RTD-3.324

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RTD-35V101MG10SU-R2 TAIYO-YUDEN-RTD-35V101MG10SU-R2 Datasheet
250Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTD]
RTD-35V101MG10SUQ-R2 TAIYO-YUDEN-RTD-35V101MG10SUQ-R2 Datasheet
250Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTD]
RTD-35V102MJHT-R5 TAIYO-YUDEN-RTD-35V102MJHT-R5 Datasheet
250Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTD]
RTD-35V102MJHTQ-R5 TAIYO-YUDEN-RTD-35V102MJHTQ-R5 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTD]
RTD-35V152MKHT-R5 TAIYO-YUDEN-RTD-35V152MKHT-R5 Datasheet
250Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTD]
More results

Similar Description - RTD-3.324

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAA RECOM-RAA Datasheet
93Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
ECONOLINE - DC/DC-Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com